Part Number Hot Search : 
15KP90A BYV29 1530A AN0116 BFG93A08 APL1018 HFBR1527 BUL3N7
Product Description
Full Text Search
 

To Download VS-80SQ045 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  vs-80sq... series, vs-80sq...-m3 series www.vishay.com vishay semiconductors revision: 19-sep-11 1 document number: 93398 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 schottky rectifier, 8 a features ? 175 c t j operation ? low forward voltage drop ? high frequency operation ? high purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance ? guard ring for enhanced ruggedness and long term reliability ? compliant to rohs directive 2002/95/ec ? designed and qualifie d for commercial level ? halogen-free according to iec 61249-2-21 definition (-m3 only) description the vs-80sq... axial leaded schottky rectifier series has been optimized for low reverse leakage at high temperature. the proprietary barrier technology allows for reliable operation up to 175 c junction temperature. typical applications are in switching power supplies, converters, freewheeling diodes, and reverse battery protection. product summary package do-204ar i f(av) 8 a v r 30 v, 35 v, 40 v, 45 v v f at i f 0.44 v i rm max. 15 ma at 125 c t j max. 175 c diode variation single die e as 10 mj cathode anode do-204ar major ratings and characteristics symbol characteristics values units i f(av) rectangular waveform 8a v rrm range 30 to 45 v i fsm t p = 5 s sine 2400 a v f 8 apk, t j = 125 c 0.44 v t j range - 55 to 175 c voltage ratings parameter symbol vs-80sq030 vs-80sq030-m3 vs-80sq035 vs-80sq035-m3 vs-80sq040 vs-80sq040-m3 VS-80SQ045 VS-80SQ045-m3 units maximum dc reverse voltage v r 30 35 40 45 v maximum working peak reverse voltage v rwm absolute maximum ratings parameter symbol test conditions values units maximum average forward current see fig. 5 i f(av) 50 % duty cycle at t c = 119 c, rectangular waveform 8 a maximum peak one cycle non-repetitive surge current see fig. 7 i fsm 5 s sine or 3 s rect. pulse following any rated load condition and with rated v rrm applied 2400 10 ms sine or 6 ms rect. pulse 380 non-repetitive avalanche energy e as t j = 25 c, i as = 1.6 a, l = 7.8 mh 10 mj repetitive avalanche current i ar current decaying linear ly to zero in 1 s frequency limited by, t j maximum v a = 1.5 x v r typical 1.6 a
vs-80sq... series, vs-80sq...-m3 series www.vishay.com vishay semiconductors revision: 19-sep-11 2 document number: 93398 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 note (1) pulse width < 300 s, duty cycle < 2 % electrical specifications parameter symbol test conditions values units maximum forward voltage drop see fig. 1 v fm (1) 8 a t j = 25 c 0.53 v 16 a 0.60 8 a t j = 125 c 0.44 16 a 0.55 maximum reverse leakage current see fig. 2 i rm (1) t j = 25 c v r = rated v r 2 ma t j = 125 c 15 maximum junction capacitance c t v r = 5 v dc , (test signal range 100 khz to 1 mhz) 25 c 900 pf typical series inductance l s measured lead to lead 5 mm from package body 10.0 nh maximum voltage rate of change dv/dt rated v r 10 000 v/s thermal - mechanical specifications parameter symbol test conditions values units maximum junction and storage temperature range t j , t stg - 55 to 175 c maximum thermal resistance, junction to lead r thjl dc operation; see fig. 4 1/8" lead length 8.0 c/w typical thermal resistance, junction to air r thja 44 approximate weight 1.4 g 0.049 oz. marking device case st yle do-204ar (jedec) 80sq030 80sq035 80sq040 80sq045
vs-80sq... series, vs-80sq...-m3 series www.vishay.com vishay semiconductors revision: 19-sep-11 3 document number: 93398 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 fig. 1 - maximum forward voltage drop characteristics fig. 2 - typical values of reverse current vs. reverse voltage fig. 3 - typical junc tion capacitance vs. reverse voltage fig. 4 - maximum thermal impedance z thjl characteristics i f - instantaneous forward current (a) v fm - forward voltage drop (v) 0 0.2 0.4 0.7 0.1 0.3 0.5 0.8 0.6 0.9 0.1 1 100 10 93398_01 t j = 175 c t j = 125 c t j = 25 c 1.0 1.1 i r - reverse current (ma) v r - reverse voltage (v) 0 5 10 15 30 25 40 35 20 45 0.001 0.01 0.1 1 10 100 1000 93398_02 t j = 150 c t j = 125 c t j = 100 c t j = 75 c t j = 50 c t j = 25 c t j = 175 c c t - junction capacitance (pf) v r - reverse voltage (v) 01020 40 30 50 100 1000 93398_03 t j = 25 c = 1/8 inch single p u lse (thermal resistance) p dm t 2 t 1 n otes: 1. d u ty factor d = t 1 /t 2 2. peak t j = p dm x z thjc + t c d = 0.50 d = 0.33 d = 0.25 d = 0.17 d = 0.0 8 d = 0.01 0.01 0.1 1 10 0.00001 0.0001 0.001 0.01 0.1 1 10 100 t 1 - rectangular pulse duration (s) 9339 8 _04 z thjc - thermal impedance (c/w)
vs-80sq... series, vs-80sq...-m3 series www.vishay.com vishay semiconductors revision: 19-sep-11 4 document number: 93398 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 fig. 5 - maximum allowable case temperature vs. average forward current fig. 6 - forward power loss characteristics fig. 7 - maximum non-re petitive surge current fig. 8 - unclamped inductive test circuit 130 140 150 160 170 180 0 2 4 6 8 10 12 dc 80 s q r thjl (dc) = 80 c/w = 1/8 inch allowable case temperature (c) i f(av) - average forward current (a) 93398_05 0 1 2 3 4 5 6 0 2 4 6 8 10 12 dc d = 0.08 d = 0.17 d = 0.25 d = 0.33 d = 0.50 rm s limit average forward current - i f(av) (a) average power loss (w) 93398_06 100 1000 10 000 10 100 1000 10 000 i f s m - non-repetitive s urge current (a) at any rated load condition and with rated v rrm applied following s urge t p - s quare wave pulse duration (s) 93398_07 c u rrent monitor high-speed s w itch d.u.t. r g = 25 + free w heel diode v d = 25 v l irfp460 40hfl40s02
vs-80sq... series, vs-80sq...-m3 series www.vishay.com vishay semiconductors revision: 19-sep-11 5 document number: 93398 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 ordering information table ordering information (example) preferred p/n quantity per t/r minimum order quantity packaging description vs-80s q 030 300 300 bulk vs-80s q 030tr 1500 1500 tape and reel vs-80s q 030-m3 300 300 bulk vs-80s q 030tr-m3 1500 1500 tape and reel vs-80s q 035 300 300 bulk vs-80s q 035tr 1500 1500 tape and reel vs-80s q 035-m3 300 300 bulk vs-80s q 035tr-m3 1500 1500 tape and reel vs-80s q 040 300 300 bulk vs-80s q 040tr 1500 1500 tape and reel vs-80s q 040-m3 300 300 bulk vs-80s q 040tr-m3 1500 1500 tape and reel vs-80s q 045 300 300 bulk vs-80s q 045tr 1500 1500 tape and reel vs-80s q 045-m3 300 300 bulk vs-80s q 045tr-m3 1500 1500 tape and reel - 80 = current x 10 - s = do-204ar - q = schottky q.. series - voltage rating - tr = tape and reel package none = bulk package 030 = 30 v 035 = 35 v 040 = 40 v 045 = 45 v device code 6 2 4 3 5 80 s q 045 tr vs- 1 none = lead (pb)-free and rohs compliant -m3 = halogen-free, rohs compliant, and terminations lead (pb)-free - environmental digit 3 4 5 6 7 2 - vishay semiconductors product 1 7 -m3 links to related documents dimensions www.vishay.com/doc?95243 part marking information www.vishay.com/doc?95325 packaging information www.vishay.com/doc?95338
outline dimensions www.vishay.com vishay semiconductors revision: 29-aug-11 1 document number: 95243 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 axial do-204ar dimensions in millimeters (inches) 6.35 (0.250) 6.10 (0.240) 9.52 (0.375) 9.27 (0.365) dia. 6.35 (0.250) 6.10 (0.240) 9.52 (0.375) 9.27 (0.365) dia. 1.32 (0.052) 1.22 (0.048) (2 places) 27.94 (1.10) min. (2 places) 27.94 (1.10) min. (2 places) 2.54 (0.100) max. flash (2 places) dia. 1.32 (0.052) 1.22 (0.048) (2 places) dia. cathode band
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of VS-80SQ045

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X